Part Number Hot Search : 
IDT71V D1406 SRF860CT 66109 00050 DM4011 0540W 9C51R
Product Description
Full Text Search
 

To Download BAR64-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAR 64...
Silicon PIN Diode
l High voltage current controlled l RF resistor for RF attenuator and swirches l Freqency range above 1 MHz l Low resistance and short carrier lifetime l For frequencies up to 3 GHz
Type BAR 64 BAR 64-04 BAR 64-05 BAR 64-06 Marking POs PPs PRs PSs Ordering code (tape and reel) Q62702-A1041 Q62702-A1010 Q62702-A1042 Q62702-A1043 Pin configuration Package 1 2 3 A C SOT-23 A C C/A A A C/C C C A/A
1)
Maximum ratings per diode Parameter Reverse voltage Forward current Total Power dissipation TS 90C BAR64-04,-05,-06 TS 65C Junction temperature Operating temperature range Storage temperature range Thermal resistance Junction-ambient BAR64 BAR64-04,-05,-06
1)
Symbol
BAR 64 200 100 250 250 150 -55 +150C -55...+150C
Unit V mA mW C C C
VR IF Ptot Tj Top Tstg
Rth JA
320 500
K/W
Junction-soldering point BAR64 BAR64-04,-05,-06
Rth JS
240 340
_________________________
1)Package mounted on alumina 15mm x 16.7mm x 0.7mm
Semiconductor Group
1
Edition A01, 23.02.95
BAR 64...
Electrical characteristics
at TA = 25 C, unless otherwise specified.
Parameter
Symbol min.
Value typ. max.
Unit
DC characteristics per diode Breakdown voltage IR = 5 A Forward voltage IF = 50 mA Diode capacitance VR = 20 V, f = 1 MHz Forward resistance IF = 1 mA, f = 100 MHz IF = 10 mA, f = 100 MHz IF = 100 mA, f = 100 MHz Charge carrier lifetime IF = 10 mA, IR = 6 mA, IR = 3 mA Series inductance
V(BR)
200 0.23 12.5 2.1 0.85 1.55 1.4 -
V V 1.1 pF 0.35 -20 3.8 1.35 s nH
VF CT rf
L
Ls
Forward current rF= f (TS;TA*) BAR64 * mounted on alumina
Forward current rF= f (TS;TA*) per each diode BAR64-05,-05,-06
mA
mA
TS IF
I
TS
TA
F
TA
TS
TA
TS
TA
Semiconductor Group
2
Edition A01, 23.02.95
BAR 64...
Permissible pulse load RthJS = f (tp)
BAR64
Permissible pulse load Ifmax/If DC=f(tp)
BAR64
K/W
Permissible pulse load RthJS= f (tp)
BAR64-04,-05,-06
K/W
Permissible pulse load IFmax/IFDC = f (tp)
BAR64-04,-05,-06
Semiconductor Group
3
Edition A01, 23.02.95
BAR 64...
Forward current IF=f(VF)
Forward resistance rf= f (IF) f = 100 MHz
Diode capacitance CT= f (VR) f = 1 MHz.
Semiconductor Group
4
Edition A01, 23.02.95


▲Up To Search▲   

 
Price & Availability of BAR64-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X